Part Number Hot Search : 
400BD3 UF4005 0ETTT MC1589R D1521 AHC595 RT8293A 12S05
Product Description
Full Text Search
 

To Download AT76C450BC-MY02BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* 1/7" CIF Digital Camera Module with Built-in Lens * Turnkey Solution with CMOS Color Image Sensor and On-chip Image Processing * High Performance:
- Ultra Compact Size - Very Low Power Consumption - High Sensitivity - Low Fixed Pattern Noise - High Dynamic Range - Up to 60 fps at Full Resolution * Easy to Operate: - Single Master Clock Operation (Integrated PLL) - On-chip Timing Generator - Two-wire Interface (TWI) - Single 2.5V Power Supply * Built-in Functions: - On-chip 10-bit A/D Converter - Automatic Dark Calibration - Power Management Unit - Automatic Flicker Detection and Correction - Digital Zoom, Region of Interest (Programmable) - Decimation: CIF (352L x 288H)/QCIF (176L x 144H) and Lower Resolution * Built-in Image Processing: - Lens Vignetting Correction (Programmable) - Defective Pixel Correction - Color Interpolation, Color Correction (Programmable) - Gamma Correction (Programmable) - RGB to YCrCb Transformation - Edge Enhancement (Programmable) - Anti-aliasing Filter - 8-bit 4:2:2 YCrCb Output Format - White Balance (Auto/Manual Control Selectable) - Exposure Control (Auto/Manual Control Selectable)
Eye-On-SiTM Ultra-compact CMOS Digital Camera Module AT76C450BCMY02BT Preliminary Summary
Main Specifications
* * * * * * * * * * * * * * *
CMOS Sensor: 352 x 288 Active Pixel Array Pixel Size: 5.6 m x 5.6 m Optical Format: 1/7" Frame Rate: Up to 60 fps Power Consumption at 15 fps: 38 mW (10 pF) Dynamic Range: 55 dB Sensitivity: 25 Scene Lux at 15 fps Output Format: YCrCb 4:2:2, RGB Bayer Color Filter: Bayer RGB with Micro Lens Input Frequency: [3-80] MHz Field of View: 55 (H), 46 (V), 69 (D) F-number: 2.4 Focal Lens: 1.85 mm Module Size: 8.5 mm (L) x 8.5 mm (W) x 5.2 mm (H) Package: Flexible Connector on Printed Circuit Board
5381AS-IMAGE-06/04
This is a summary document. For more information, please contact your local Atmel sales office.
1
Description
The AT76C450BC-MY02BT CMOS camera module is a turnkey system ideal for mobile phones and PDA applications. This complete image solution provides CIF standard image formats and highly integrated electronics with on-chip image processing that provide high quality images. It is integrated on an ultra thin module and has a very low power consumption. The Eye-On-Si is easy to integrate into any application, and operates with a single power supply within a frequency range of 3 to 80 MHz thanks to its on-chip PLL circuitry. The easy-to-monitor on-chip functions and image processing are programmable through a Two Wire Interface (TWI). The system also includes advanced image processing functionalities such as automatic white balance, auto-exposure control, color correction, gamma correction, edge enhancement, and an anti-aliasing filter, all of which contribute to high quality images.
Applications
* * * * *
Motion or still picture applications for video, mobile phones and PDAs Toys Eye iris recognition Security cameras Low-end digital cameras
2
AT76C450BC-MY02BT [Preliminary]
5381AS-IMAGE-06/04
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131, USA TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2004. All rights reserved. Atmel and AVR (R) are the registered trademarks and EyeOn-SiTM is the trademark of Atmel Corporation. Other terms and product names may be the trademarks of others. Printed on recycled paper.
5381AS-IMAGE-06/04 0M
4
AT76C450BC-MY02BT [Preliminary]
5381AS-IMAGE-06/04


▲Up To Search▲   

 
Price & Availability of AT76C450BC-MY02BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X